Part Number Hot Search : 
SUR503EF G5104 TS256MMC EP110 G1213 CP1403SN W551CXXX BD5330
Product Description
Full Text Search
 

To Download 2-1415039-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 schrack general purpose relays industrial relays miniature relay pt contact data (continued) contact ratings type contact load cycles ul 508 pt 2 c (co) 12a, 250vac, general purpose, 70c 6.000 pt 2 c (co) 12a, 250vac, resistive, 70c 100x10 3 pt 2 a (no) of c (co) 12a, 250vac, resistive, 70c 100x10 3 pt 2 a (no) of c (co) 12a, 250vac, resistive, 70c 100x10 3 pt 3 c (co) 10a, 250vac, general purpose, 70c 6.000 pt 3 c (co) 10a, 250vac, resistive, 70c 100x10 3 pt 3 a (no) of c (co) 10a, 250vac, resistive, 70c 100x10 3 pt 3 b (nc) of c (co) 10a, 250vac, resistive, 70c 100x10 3 pt 5 c (co) 6a, 250vac, general purpose, 70c 6.000 pt 5 c (co) 6a, 250vac, resistive, 70c 100x10 3 pt 5 a (no) of c (co) 6a, 250vac, resistive, 70c 100x10 3 pt 5 b (nc) of c (co) 6a, 250vac, resistive, 70c 100x10 3 en60947-4-1 pt 2 a (no) of c (co) 400vac, 3.75a, ac3, opposite polarity, 70c pt 2 a (no) of c (co) 230vac, 1.7a, ac5b (400w lamp load), opposite polarity, 70c pt 3 a (no) of c (co) 250vac, 2a, ac3, opposite polarity 70c pt 3 a (no) of c (co) 230vac, 1.7a, ac5b (400w lamp load), opposite polarity, 70c pt 5 a (no) of c (co) 250vac, 3a, ac3, same polarity 70c pt 5 a (no) of c (co) 230vac, 1.7a, ac5b (400w lamp load), same polarity, 70c mechanical endurance dc coil 30x10 6 operations ac coil 20x10 6 operations coil data coil voltage range 6 to 220vdc 6 to 230vac operative range, iec 61810 dc coil, ac-coil 50hz 2 ac coil 60 hz at 70c 90..110% of rated voltage coil insulation system according ul class 155 (f) n 2 pole 12a, 3 pole 10a or 4 pole 6a, 2, 3 or 4 form c (co) contacts n dc or ac coil n switching performance up to 3000va n relay height 29mm n mechanical indicator, optional led and protection diode n manual test tab, optionally lockable n white marking tabs typical applications universal use in control and automation approvals vde reg.-nr. 115719, ul e214025, lloyds 00/20059(e2) technical data of approved types on request contact data pt2 pt3 pt5 contact arrangement 2 form c 3 form c 4 form c 2 co 3 co 4 co rated voltage 240vac max. switching voltage 400vac 400vac 240vac rated current 12a 10a 6a limiting making current, max. 20ms 24a 20a 12a limiting breaking current 12a 10a 6a limiting short-time current 300a/30ms switching power 3000va 2500va 1500va contact material agni90/10, agni90/10 gold plated min. recommended contact load 12v at 10ma gold plated: 20mv at 1ma initial voltage drop 30mv at 100ma/6vdc frequency of operation with/without load 360/36000h -1 operate time typ., dc coil 15ms release time typ., dc coil, without/with pd 10/18ms bounce time typ., dc coil, form a/form b 6/8ms contact ratings type contact load cycles iec 61810 pt 2 dc/ac coil c (co) 12a, 250vac, cos =1, 70c 70x10 3 pt 2 dc/ac coil a (no) of c (co) 9a, 250vac, cos =1, 80c 150x10 3 pt 2 dc/ac coil a (no) of c (co) 4a, 250vac, cos =1, 80c 300x10 3 pt 3 dc/ac coil c (co) 10a, 250vac, cos =1, 70c 100x10 3 pt 5 dc/ac coil c (co) 6a, 250vac, cos =1, 70c 100x10 3 f0191-b z l v
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 schrack general purpose relays industrial relays miniature relay pt (continued) insulation data pt2 pt3 pt5 initial dielectric strength between open contacts 1200v rms 1200v rms 1200v rms between contact and coil 2500v rms 2500v rms 2500v rms between adjacent contacts 2500v rms 2500v rms 2000v rms initial surge withstand voltage between contact and coil 5000v (1.2/50s) clearance/creepage between contact and coil 4/4mm 4/4mm 4/4mm between adjacent contacts 3.5/9.5mm 2.6/3.5mm 1.8/3.5mm material group of insulation parts iiia other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to +70c cold storage, iec 60068-2-1 -40c/16h dry heat, iec 60068-2-2 85c/16h category of environmental protection iec 61810 rtii - fux proof vibration resistance (functional), form a (no)/form b (nc) 7/4g shock resistance (functional), form a (no)/form b (nc) 20/5g terminal type pcb-tht, plug-in quick-connect cover retention, pull/push force 100/100n weight 30g mounting distance, for mounting on pcb 5mm resistance to soldering heat tht iec 60068-2-20 270c/10s packaging unit 10/250pcs. accessories for details see datasheet accessories miniature relay pt note: indicated contact ratings and electrical endurance data for direct wiring of relays (according iec 61810-1); for relays mounted on sockets deratings may apply. product sets complete sets consisting of a relay mounted on a socket see package pt coil data (continued) coil versions, dc coil, standard coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% 1)2) mw 006 6 4.5 0.6 48 750 012 12 9.0 1.2 192 750 024 24 18.0 2.4 777 741 048 48 36.0 4.8 3072 750 060 60 45.0 6 4845 1) 743 110 110 82.5 11 16133 2) 750 220 220 165.0 22 64533 2) 750 coil versions, dc coil with bipolar led or led and protection diode coil code rated operate release coil rated coil bipol. led+ voltage voltage voltage resistance +led pwr. led pd 3 ) vdc vdc vdc ?10% 1)2) mw l06 la6 6 4.5 0.6 48 750+3.5 l12 lb2 12 9.0 1.2 192 750+10 l24 lc4 24 18.0 2.4 777 741+18 l48 le8 48 36.0 4.8 3072 750+38 l60 lg0 60 45.0 6.0 4845 1) 743+56 m10 mb0 110 82.5 11.0 16133 2) 750+96.5 n20 nc0 220 165.0 22.0 64533 2) 750+202.5 1) coil resistance 12%, 2) coil resistance 15%, 3) protection diode pd; standard polarity: +a1/-a2 all fgures are given for coil without pre-energization, at ambient temperature +23c coil versions, ac coil, 50/60hz coil code rated operate release coil rated coil std led voltage voltage voltage resistance power 50/60hz 50/60hz 50/60hz vac vac vac ?10% 1)2) va 506 r06 6 4.8/5.4 1.8 11 1.0/0.85 512 r12 12 9.6/10.8 3.6 48 1.0/0.85 524 r24 24 19.2/21.6 7.2 192 1.0/0.79 548 r48 48 38.4/43.2 14.4 777 1.0/0.87 560 r60 60 48.0/54.0 18.0 1306 1.0/0.87 615 s15 115 92.0/103.5 34.5 4845 1) 1.0/0.86 730 t30 230 184/207 69.0 19465 2) 1.0/0.90 1) coil resistance 12%, 2) coil resistance 15% all fgures are given for coil without pre-energization, at ambient temperature +23c
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 schrack general purpose relays industrial relays miniature relay pt (continued) dimensions solder- and plug-in terminals (standard version) pcb version s0355-aa s0355-bb pcb layout / terminal assignment bottom view on pins 4 pole s0354-aa s0354-ad s0354-ab s0354-ae s0354-ac s0354-af 3 pole 2 pole (13) a1 (14) a2 (13) a1+ (14) a2- circuit led protection diode+led
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 4 schrack general purpose relays industrial relays miniature relay pt (continued) product code cont. confg. cont. material version coil coil part number pt270024 2 form c agni 90/10 amp 2.8 dc coil 24vdc 4-1419111-2 pt270524 2 co contacts test button connectors ac coil 24vac 4-1419111-8 pt270615 115vac 5-1419111-0 pt270730 230vac 5-1419111-1 pt270l24 dc coil+led 24vdc 9-1415001-1 pt270r24 ac coil+led 24vac 1415002-1 pt270s15 115vac 2-1415039-1 pt270t30 230vac 3-1415002-1 pt271024 pcb terminals dc coil 24vdc 5-1419111-3 pt271524 ac coil 24vac 5-1419111-6 pt271615 115vac 4-1419135-0 pt271730 230vac 5-1419111-8 pt370024 3 form c agni 90/10 amp 2.8 dc coil 24vdc 6-1419111-1 pt370524 3 co contacts test button connectors ac coil 24vac 6-1419111-6 pt370615 115vac 6-1419111-8 pt370730 230vac 6-1419111-9 pt370l24 dc coil+led 24vdc 5-1415002-1 pt370r24 ac coil+led 24vac 7-1415002-1 pt370s15 115vac 9-1415039-1 pt370t30 230vac 9-1415002-1 pt371024 pcb terminals dc coil 24vdc 7-1419111-1 pt371524 ac coil 24vac 7-1419111-3 pt371615 115vac 1393154-8 pt371730 230vac 7-1419111-5 pt570024 4 form c agni 90/10 amp 2.8 dc coil 24vdc 1-1393154-2 pt570524 4 co contacts test button connectors ac coil 24vac 8-1419111-7 pt570615 115vac 9-1419111-0 pt570730 230vac 9-1419111-1 pt570l24 dc coil+led 24vdc 6-1415001-1 pt570lc4 dc coil+led+pd 7-1415541-0 pt570r24 ac coil+led 24vac 7-1415001-1 pt570s15 115vac 7-1415003-1 pt570t30 230vac 8-1415001-1 pt571024 pcb terminals dc coil 24vdc 9-1419111-3 pt571524 ac coil 24vac 9-1419111-6 pt571615 115vac 1-1393154-5 pt571730 230vac 9-1419111-8 pt580024 agni 90/10 amp 2.8 dc coil 24vdc 1-1393154-7 pt580524 gold plated connectors ac coil 24vac 2-1393154-1 pt580730 test button 230vac 2-1393154-2 pt580l24 dc coil+led 24vdc 5-1415026-1 pt580r24 ac coil+led 24vac 6-1415026-1 pt580t30 230vac 7-1415026-1 pt581024 pcb terminals dc coil 24vdc 7-1419135-2 pt581730 ac coil 230vac 2-1393154-3 product code structure typical product code pt 5 7 0 730 type pt miniature relay pt contact arrangement 2 2 form c contacts (2 co contacts) 3 3 form c contacts (3 co contacts) 5 4 form c contacts (4 co contacts) contact material 7 agni 90/10, with test button 8 agni 90/10 gold plated, with test button 2 agni 90/10, without test button 3 agni 90/10 gold plated, without test button version 0 standard, 2.8 mm quick connect term. 1 pcb terminals coil coil code: please refer to coil versions table other types on request


▲Up To Search▲   

 
Price & Availability of 2-1415039-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X